Part Number Hot Search : 
TL082BM 73D22 Q015R NB638DL A124E AD7417BR FT500 MC358
Product Description
Full Text Search
 

To Download NRLMW822M80VF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Large Can Aluminum Electrolytic Capacitors
FEATURES * LONG LIFE (105C, 2000 HOURS) * LOW PROFILE AND HIGH DENSITY DESIGN OPTIONS * EXPANDED CV VALUE RANGE RoHS * HIGH RIPPLE CURRENT Compliant * CAN-TOP SAFETY VENT includes all homogeneous materials * DESIGNED AS INPUT FILTER OF SMPS *See Part Number System for Details * STANDARD 10mm (.400") SNAP-IN SPACING SPECIFICATIONS
Operating Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Max. Leakage Current (A) After 5 minutes (20C) Max. Tan at 120Hz/20C Surge Voltage -40 ~ +105C -25 ~ +105C 10 ~ 250Vdc 450Vdc 180 ~ 68,000F 56 ~ 470F 20% (M) at 120Hz, +20C 3x C(F)V
NRLMW Series
Ripple Current Correction Factors Low Temperature Stability (10 to 250Vdc) Load Life Test 2,000 hours at +105C Shelf Life Test 1,000 hours at +105C (no load) Surge Voltage Test Per JIS-C-5141 (table #6, #4) Surge voltage applied: 30 seconds "On" and 5.5 minutes no voltage "Off" Soldering Effect Refer to MIL-STD-202F Method 210A
W.V. (Vdc) Tan max. W.V. (Vdc) S.V. (Vdc) W.V. (Vdc) S.V. (Vdc) Frequency (Hz) 16 ~ 100Vdc Multiplier at 85C 160 ~ 450Vdc Temperature (C) Capacitance Change Impedance Ratio Capacitance Change Tan Leakage Current Capacitance Change Tan Leakage Current Capacitance Change Tan Leakage Current Capacitance Change Tan Leakage Current
10 16 25 35 50 63 80 100 ~ 400 0.55 0.45 0.35 0.30 0.25 0.20 0.17 0.15 10 16 25 35 50 63 80 100 13 20 32 44 63 79 100 125 180 200 250 400 450 220 250 300 450 500 50 60 100 120 500 1K 10K ~ 50K 0.93 0.95 0.99 1.0 1.05 1.08 1.15 0.75 0.80 0.95 1.0 1.20 1.25 1.40 0 -25 -40 -5% -10 -30% 1.5 3 9 Within 20% of initial measured value Less than 200% of specified maximum value Less than specified maximum value Within 20% of initial measured value Less than 200% of specified maximum value Less than specified maximum value Within 20% of initial measured value Less than 200% of specified maximum value Less than specified maximum value Within 10% of initial measured value Less than specified maximum value Less than specified maximum value
450 0.20 160 200 -
Sleeve Color: Dark Blue Can Top Safety Vent
Insulation Sleeve and Minus Polarity Marking
0.8
Recommended PC Board Mounting Holes:
= 2 0.1 10 .1
D+1 Max.
(-) (+)
10
D 0.5
L2
6.3 1
Chassis
Notice for Mounting The space from the top of the can shall be more than (3mm) from chassis or other construction materials so that safety vent has room to expand in case of emergency.
(4.0mm Leads Available As Option)
MAXIMUM EXPANSION FOR SAFETY VENT Approx. 3.0mm
PC Board
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
162
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. Cap (F) 6,800 8,200 10,000 15,000 22,000 10 33,000 47,000 68,000 6,800 8,200 10,000 15,000 16 22,000 33,000 47,000 56,000 4,700 6,800 8,200 10,000 25 15,000 22,000 33,000 3,300 4,700 6,800 8,200 35 10,000 15,000 22,000 Case Size 20x25 20x30 22x25 25x25 25x35 30x25 25x45 30x35 35x30 30x45 35x35 35x50 22x25 22x30 25x25 25x35 30x30 25x45 30x35 35x30 30x45 35x35 35x45 35x50 22x25 25x25 25x30 30x25 25x35 30x30 25x45 30x35 35x30 30x45 35x35 35x50 22x25 25x25 25x35 30x30 25x40 30x30 35x25 25x45 30x35 35x30 30x45 35x35 35x50 ESR ( @ 20C) 120Hz 0.110 0.091 0.075 0.053 0.038 0.027 0.023 0.021 0.085 0.071 0.066 0046 0.033 0.023 0.020 0.019 0.106 0.073 0.061 0.051 0.036 0.025 0.018 0.121 0.088 0.061 0.051 20KHz 0.093 0.077 0.063 0.045 0.032 0.023 0.020 0.020 0.068 0.057 0.053 0.037 0.028 0.020 0.018 0.017 0.079 0.055 0.045 0.039 0.031 0.022 0.016 0.090 0.066 0.046 0.038 Max. Ripple Current (Arms@85C) 120Hz 10K ~ 50KHz 1.30 1.50 1.60 1.84 1.80 2.07 2.30 2.65 2.60 3.40 4.20 5.50 2.20 2.40 2.60 3.20 3.80 4.70 5.50 6.00 2.00 2.40 2.70 3.00 3.60 4.30 5.50 1.90 2.20 2.60 2.90 2.99 3.91 4.83 6.33 2.53 2.76 2.99 3.68 4.37 5.41 6.33 6.90 2.30 2.76 3.11 3.45 4.14 4.95 6.33 2.19 2.53 2.99 3.34 W.V. Cap (F) 2,200 3,300 Case Size ESR ( @ 20C) 120Hz 0.105 0.070 0.053 20KHz 0.079 0.053 0.040
NRLMW Series
Max. Ripple Current (Arms@85C) 120Hz 10K ~ 50KHz 1.70 1.96 2.00 2.30 2.50 2.88
0.041 0.030 0.023
0.031 0.022 0.017
3.20 3.90 5.00
3.68 4.49 5.75
22x30 25x30 25x40 4,700 30x30 35x25 25x50 50 6,800 30x40 35.30 30x45 8,200 35x35 30x50 10,000 35x40 15,000 35x50 1,500 22x30 2,200 25x30 25x40 3,300 30x30 35x25 25x50 63 4,700 30x40 35x30 30x50 6,800 35x40 8,200 35x45 10,000 35x50 1,000 25x25 1,500 25x30 25x35 2,200 30x30 35x25 80 25x50 3,300 30x40 35x30 30x50 4,700 35x40 6,800 35x50 820 25x25 1,000 25x30 25x40 1,500 30x30 35x25 100 25x50 2,200 30x40 35x30 30x50 3,300 35x40 4,700 35x50
0.046 0.038 0.033 0.022 0.188 0.128 0.090
0.035 0.029 0.025 0.018 0.141 0.096 0.068
3.30 3.60 4.00 4.80 1.50 2.00 2.50
3.80 4.14 4.60 5.52 1.73 2.30 2.88
0.063 0.049 0.040 0.033 0.182 0.133 0.090
0.048 0.037 0.030 0.028 0.119 0.093 0.063
3.00 3.60 3.90 4.40 1.30 1.70 2.10
3.45 4.14 4.49 5.06 1.50 1.96 2.42
0.065 0.049 0.041 0.202 0.182 0.122
0.049 0.037 0.031 0.121 0.109 0.079
2.60 2.60 3.90 1.40 1.70 2.10
2.99 2.99 4.49 2.10 2.55 3.15
0.090 0.075 0.053
0.059 0.053 0.040
2.60 3.20 3.80
3.90 4.80 5.70
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
163
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. Cap (F) 220 330 470 680 160 820 1,000 1,500 1,800 2,200 220 330 470 680 820 1,000 1,500 220 330 470 250 680 820 1,000 120Hz 20x25 0.829 22x30 0.553 25x30 0.459 25x35 0.317 30x30 25x40 0.263 30x30 25x45 0.216 30x35 30x45 0.166 35x35 30x45 0.129 35x50 0.113 22x25 0.754 25x25 0.502 22x40 25x35 0.353 30x25 25x40 0.244 30x30 25x50 30x35 0.222 35x30 30x45 0.199 35x35 35x50 0.144 25x25 0.754 25x35 0.502 30x25 25x45 30x35 0.353 35x30 30x45 0.244 35x35 30x50 0.202 35x40 35x45 0.199 Case Size ESR ( @ 20C) 20KHz 0.373 0.249 0.208 0.143 0.118 0.108 0.083 0.064 0.057 0.339 0.226 0.159 0.110 0.111 0.099 0.072 0.377 0.251 0.176 0.122 0.101 0.099 Max. Ripple Current (Arms@85C) 120Hz 10K ~ 50KHz 1.00 1.40 1.20 1.68 1.40 1.96 1.70 2.00 2.20 2.50 2.70 2.90 1.00 1.20 1.40 1.70 2.00 2.20 2.50 1.00 1.20 1.40 1.70 2.00 2.20 2.38 2.80 3.08 3.50 3.78 4.06 1.40 1.68 1.96 450 2.38 220 2.80 3.08 3.50 1.40 1.68 1.96 2.38 2.80 3.08 330 470 400 220 330 470 56 68 82 100 150 W.V. Cap (F) 68 82 100 150 Case Size 25x25 25x25 25x30 25x40 30x30 25x50 30x40 35x30 30x50 35x40 35x50 22x25 25x25 22x35 25x30 30x25 25x40 30x30 30x40 35x30 30x50 35x40 35x50 ESR ( @ 20C) 120Hz 1.950 1.617 1.325 0.884 0.603 0.402 0.282 2.368 1.950 1.617 1.326 0.884 0.678 0.502 0.353 20KHz 0.683 0.566 0.464 0.309 0.211 0.161 0.127 0.947 0.683 0.647 0.531 0.354 0.271 0.201 0.123
NRLMW Series
Max. Ripple Current (Arms@85C) 120Hz 0.56 0.64 0.69 0.82 1.10 1.35 1.75 0.40 0.50 0.56 0.64 0.79 1.00 1.38 1.74 10K ~ 50KHz 0.78 0.90 0.97 1.15 1.54 1.89 2.45 0.56 0.70 0.78 0.90 1.11 1.40 1.93 2.44
200
PART NUMBER SYSTEM NRLMW 471 M 250V 30X35 F
RoHS compliant Case Size (mm) Voltage Rating Tolerance Code Capacitance Code Series
(R)
164
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NRLMW822M80VF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X